Part Number Hot Search : 
SPX4041N 20ETTTS 78T12 74HC03N TLE42 2SC5859 TMP35GS 03542
Product Description
Full Text Search
 

To Download FS0201D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FS02...N
SURFACE MOUNT SCR
SOT223 (Plastic)
On-State Current 1.25 Amp Gate Trigger Current < 200 A Off-State Voltage 200 V / 800 V
These series of Silicon Controlled R ectifier use a high performance PNPN technology. These parts are intended for general purpose applications where high gate sensitivity is required using surface mount technology.
Absolute Maximum Ratings, according to IEC publication No. 134
SYMBOL PARAMETER On-state Current* Average On-state Current* Non-repetitive On-State Current Non-repetitive On-State Current Fusing Current Peak Reverse Gate Voltage Peak Gate Current Peak Gate Dissipation Gate Dissipation Operating Temperature Storage Temperature Soldering Temperature CONDITIONS Half Cycle, = 180 , Ttab = 95 C Half Cycle, = 180 , Ttab = 95 C Half Cycle, 60 Hz, Tj = 25 C Half Cycle, 50 Hz, Tj = 25 C tp = 10ms, Half Cycle IGR = 10 A, Tj = 25 C 20 s max. 20 s max. 20 ms max. Min. 1.25 0.8 25 22.5 2.5 8 1.2 3 0.2 +125 +150 260 Max. Unit A A A A A2s V A W W C C C
IT(RMS) IT(AV) ITSM ITSM I2t VGRM IGM PGM PG(AV) Tj Tstg Tsld
-40 -40 10s max.
* with 5 cm2 copper (e= 35m) surface under tab.
SYMBOL
PARAMETER Repetitive Peak Off State Voltage
CONDITIONS RGK = 1 K B 200
VOLTAGE D 400 M 600 N 800
Unit V
VDRM VRRM
Jun - 02
FS02...N
SURFACE MOUNT SCR
Electrical Characteristics
SYMBOL PARAMETER Gate Trigger Current Off-State Leakage Current On-state Voltage On-state Threshold Voltage Dinamic Resistance Gate Trigger Voltage Gate Non Trigger Voltage Holding Current Latching Current Critical Rate of Voltage Rise CONDITIONS MIN VD = 12 VDC , RL = 140, Tj = 25 C MAX VD = VDRM , RGK = 1K, Tj = 125 C MAX VR = VRRM , Tj = 25 C MAX at IT = 1.6 Amp, tp = 380 s, Tj = 25 C MAX Tj = 125 C MAX Tj = 125 C MAX VD = 12 VDC , RL = 140, Tj = 25 C MAX VD = VDRM , RL = 3.3K, RGK = 1K, MIN Tj = 125 C IT = 50 mA , RGK = 1K, Tj = 25 C IG = 1 mA , RGK = 1K, Tj = 25 C VD = 0.67 x VDRM , RGK = 1K, Tj = 125 C MAX MAX MIN MIN 01 1 20 SENSITIVITY 04 15 50 02 200 500 5 1.45 0.9 150 0.8 0.1 5 6 15 15 50 25 60 10 20 03 20 200 Unit A A V V m V V mA mA V/s A/s
IGT IDRM / IRRM VTM VT(O) rd VGT VGD IH IL dv / dt di / dt Rth(j-l) Rth(j-a)
Critical Rate of Current Rise IG = 2 x IGT Tr 100 ns, F = 60 Hz, Tj = 125 C Thermal Resistance Junction-Leads for DC Thermal Resistance Junction-Ambient
C/W C/W
PART NUMBER INFORMATION
F
FAGOR SCR CURRENT
S
02
01
B
N
00
RB
PACKAGING FORMING CASE VOLTAGE
SENSITIVITY
Jun - 02
FS02...N
SURFACE MOUNT SCR
Fig. 1: Maximum average power dissipation versus average on-state current P (W) 1.4
360
Fig. 2: Correlation between maximum average power dissipation and maximum allowable temperature (Tamb and T tab). P (W) 1.4
Rth (j-l)
T tab (C) -85
1.2 1.0 0.8 0.6 0.4
1.2
DC
1.0
Rth (j-a) = 180 = 120 = 90
-95
0.8 -105 0.6 0.4 -115
= 60
0.2 0.0 0
= 30
0.2 IT(AV)(A) 0.0 0 20 40 60 80 -125 Tamb (C) 100 120 140
0.2 0.4 0.6 0.8 1.0 1.2 1.4
Fig. 3: Average on-state current versus tab temperature I T(AV) (A) 1.6
DC
Fig. 4: Relative variation of thermal impedance junction to ambient versus pulse duration. Zth(j-a) / Rth(j-a) 1.00
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 Fig. 5: Relative variation of gate trigger current and holding current versus junction temperature. Igt (Tj) Igt (Tj = 25 C) 10.0 9.0 8.0 7.0 6.0
Igt = 180
0.10
Standard foot print, e (Cu) = 35 m
T lead (C)
0.01 1E-3
tp (s) 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
Fig. 6: Non repetitive surge peak on-state current versus number of cycles. I TSM (A) 25
Tj initial = 25 C
Ih (Tj) Ih (Tj = 25 C)
20
15
5.0 4.0 3.0 2.0 1.0 0.0 -40 -20 0 20 40 60 80 100 120 140 Tj (C) 0 1 10 100 1000 Number of cycles
Ih
10
5
Jun - 02
FS02...N
SURFACE MOUNT SCR
Fig. 7: Non repetitive surge peak on-state current for a sinusoidal pulse with width: tp 10 ms, and corresponding value of I2t. ITSM(A). I2t (A2s) 100
Tj initial = 25 C Tj initial 25 C ITSM
Fig. 8: On-state characteristics (maximum values).
ITM(A) 100
10
Tj max
10
I2 t
1
Tj max Vto = 1.05 V Rt = 0.150
1 1 10
tp(ms)
0.1 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
VTM(V)
PACKAGE MECHANICAL DATA SOT223 (Plastic)
A 16 max. (4x) B C 10 max. H E D F I J K
REF. A B C D E F G H I J K Min. 6.30 6.70 3.30 2.95 0.65 1.50 0.50 0.25
G
DIMENSIONS Milimeters Typ. 6.50 7.00 3.50 4.60 2.30 3.00 0.70 1.60 0.60 0.02 0.30
Max. 6.70 7.30 3.70 3.15 0.85 1.70 0.70 0.05 0.35
Weight: 0.11 g
FOOT PRINT
3.3
1.5
(3x) 1
2.3
6.4
1.5 4.6
Jun - 02


▲Up To Search▲   

 
Price & Availability of FS0201D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X